PART |
Description |
Maker |
QL4036 QL4036-2PB256C QL4036-2PQ208M QL4036-1PB256 |
QuickRAM Combining Performance, Density and Embedded RAM(性能、密度和嵌入式相结合的QuickRAM系列) Current sense transformer, RoHS Current sensor, SMT, RoHS Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA QuickRAM Combining Performance, Density and Embedded RAM(?ц????搴??宓??寮??缁????uickRAM绯诲?)
|
QuickLogic Corp. QuickLogic, Corp. Electronic Theatre Controls, Inc.
|
QL6250-E-6PS484M QL6250-E-6PT280C QL6250-E-6PQ208I |
FPGA combining performance, density and embedded RAM.
|
QuickLogic
|
QL6325E QL6325E_DS |
FPGA Combining Performance, Density, and Embedded RAM From old datasheet system
|
quicklogic
|
LZ931000 LZ9813000 LZ9811000 LZ9G1900 LZ95300 LZ95 |
FPGA, 1010 GATES FPGA, 13000 GATES FPGA, 11000 GATES FPGA, 1900 GATES FPGA, 315 GATES FPGA, 1680 GATES FPGA, 6075 GATES FPGA, 5000 GATES FPGA, 8370 GATES FPGA, 650 GATES
|
SHARP ELECTRONICS CORP
|
ST3232 ST3232BD ST3232BDR ST3232BN ST3232BTR ST323 |
3 TO 5.5V, LOW POWER, UP TO 400KBPS RS-232 DRIVERS AND RECEIVERS 3 TO 5.5V, LOW POWER, UP TO 400KBPS, RS-232 DRIVERS AND RECEIVERS 3 TO 5.5V, LOW POWER, UP TO 400KBPS RS-232 DRIVERS AND RECEIVERS Stratix II GX FPGA 30K FPGA-780 Stratix II GX FPGA 90K FPGA-1152
|
STMicroelectronics ST Microelectronics 意法半导
|
ST20-SWC-PC ST20-SWC-SUN |
Stratix II GX FPGA 130K FPGA-40 ST20软件开发和调试工具 Stratix II GX FPGA 30K FPGA-780 ST20 SOFTWARE DEVELOPMENT AND DEBUGGING TOOLS
|
STMicroelectronics N.V. ST Microelectronics
|
3SR07NNNCDXXX 3SR07NNNFBXXX 3SR07NNNFEXXX 3SR07NNN |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit FPGA FPGA FPGA
|
复位半导 Altera, Corp. NXP Semiconductors N.V. Mitsubishi Electric, Corp. Thomas Conexant Systems, Inc.
|
TSC251G1DXXX-L12CB TSC251G1DXXX-L12CED TSC251G1DXX |
FPGA, CYCLONE III, 5K LE, 164MQFP Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:106; IC CYCLONE III FPGA 5K 256-UBGA IC CYCLONE III FPGA 55K 484 UBGA IC CYCLONE III FPGA 55K 780 FBGA IC CYCLONE III FPGA 55K 780FBGA 8-BIT MICROCONTROLLER 8位微控制
|
Cypress Semiconductor Corp. Electronic Theatre Controls, Inc.
|
AN835 |
COMBINING THREE VERY LOW SUPPLY CURRENT ANALOG ICS INTO A USB-POWERED THERMOSTAT
|
Silicon Laboratories
|
XC3090-100CB164C XC3090-100CQ164C XC3090-100CB164M |
设计的FPGA Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA RF inductor, no core, RoHS 现场可编程门阵列(FPGA
|
HIROSE ELECTRIC Co., Ltd. Electronic Theatre Controls, Inc. CTS, Corp. EPCOS AG
|
A54SX32A-1BG208 A54SX32A-1BG208B A54SX32A-1BG208I |
FPGA, 6036 CLBS, 108000 GATES, 250 MHz, PBGA484 SX-A Family FPGAs FPGA, 4024 CLBS, 72000 GATES, PQFP208 FPGA, 768 CLBS, 12000 GATES, PBGA144 FPGA, 6036 CLBS, 108000 GATES, 250 MHz, CQFP208 FPGA, 6036 CLBS, 108000 GATES, 156 MHz, CQFP256 FPGA, 768 CLBS, 12000 GATES, 272 MHz, PQFP208 FPGA, 1452 CLBS, 24000 GATES, 357 MHz, PQFP100 FPGA, 768 CLBS, 12000 GATES, 313 MHz, PBGA144 FPGA, 6036 CLBS, 108000 GATES, 333 MHz, CQFP208 FPGA, 1980 CLBS, 32000 GATES, PBGA144 FPGA, 2880 CLBS, 48000 GATES, PBGA144 FPGA, 1980 CLBS, 32000 GATES, PBGA256 FPGA, 2880 CLBS, 48000 GATES, PBGA256
|
Actel Corporation http://
|
|